PART |
Description |
Maker |
M38023E7 M38022E3 M38021E2 M38025M2 M38025M1 M3802 |
RAM size: 256bytes; single-chip 8-bit CMOS microcomputer RAM size: 192bytes; single-chip 8-bit CMOS microcomputer 1-Ch. 10-Bit 1.25 MSPS ADC 8-Ch., DSP/SPI, Hardware Configurable, Low Power 24-SOIC -40 to 85 TRANS PREBIASED NPN 200MW SOT-23 Screwless Socket Brdg.(50 pk) 8-BIT SINGLE-CHIP MICROCOMPUTER R1 单芯位CMOS微机 Single Output LDO, 500mA, Fixed(2.5V), Tight Output Accuracy of 2%, Thermal Overload Protection 20-TSSOP 0 to 125 单芯位CMOS微机 SINGLE-CHIP 8-BIT CMOS MICROCOMPUTER 单芯位CMOS微机 Single Chip 8-Bit CMOS Microcomputer Single Chip 8-bit Microcomputer RAM size: 384bytes; single-chip 8-bit CMOS microcomputer RAM size: 512bytes; single-chip 8-bit CMOS microcomputer RAM size: 640bytes; single-chip 8-bit CMOS microcomputer RAM size: 1024bytes; single-chip 8-bit CMOS microcomputer RAM size: 768bytes; single-chip 8-bit CMOS microcomputer
|
Mitsubishi Electric Sem... http:// Mitsubishi Electric Corporation Mitsubishi Electric, Corp.
|
M38223M4M-145HP M38223M4-182FP M38223M4-183FP M382 |
SINGLE-CHIP 8-BIT CMOS MICROCOMPUTER 3822 Series Microcontrollers: On-Chip Segment LCD Drivers with A-D Converters RAM size: 192 bytes; single-chip 8-bit CMOS microcomputer RAM size: 256 bytes; single-chip 8-bit CMOS microcomputer RAM size: 384 bytes; single-chip 8-bit CMOS microcomputer RAM size: 512 bytes; single-chip 8-bit CMOS microcomputer RAM size: 640 bytes; single-chip 8-bit CMOS microcomputer RAM size: 768 bytes; single-chip 8-bit CMOS microcomputer RAM size: 896 bytes; single-chip 8-bit CMOS microcomputer RAM size: 1024 bytes; single-chip 8-bit CMOS microcomputer
|
Mitsubishi Electric Corporation
|
M38034 M3804 M38034M4-059FP M38037M6-133FP M38047M |
SINGLE-CHIP 8-BIT CMOS MICROCOMPUTER 单芯位CMOS微机 SENSOR SST 12MM ZERO SPEED Single Chip 8 Bits Microcomputer(8位单片机)
|
Mitsubishi Electric Semiconductor Mitsubishi Electric, Corp. Mitsubishi Electric Corporation
|
M38B57MCH-G222FP M38B59MFH-E107FP M38B59MFH-E110FP |
SENSOR SST 5/8 HALL EFFECT 单芯位CMOS微机 RES,Carbon Film,51Ohms,350WV,5 /-% Tol 单芯位CMOS微机 Single Chip 8 Bits Microcomputer(8位单片机) SINGLE-CHIP 8-BIT CMOS MICROCOMPUTER
|
http:// Mitsubishi Electric, Corp. Mitsubishi Electric Corporation
|
H838600R H8_38600R HD64338600R |
Renesas 16-Bit Single-Chip Microcomputer 16-Bit Single-Chip Microcomputer H8 Family / H8/300H Super Low Power Series
|
Renesas Electronics Corporation
|
M32170F3VFG M32170F4VFP M32170F3VWG M32170F4VWG M3 |
32-BIT RISC SINGLE-CHIP MICROCOMPUTER 32 Bits RISC COMS Single Chip Microcomputer(32RISC 单片
|
Mitsubishi Electric Corporation
|
M3062AFCVGP M30626FHPFP M30626FHPGP M30627FHPGP M3 |
Single-chip 16-bit CMOS microcomputer, ROM capacity = 128K 4K bytes, RAM capacity = 10K bytes Single-chip 16-bit CMOS microcomputer, ROM capacity = 384K 4K bytes, RAM capacity = 31K bytes, Single-chip 16-bit CMOS microcomputer, ROM capacity = 256K 4K bytes, RAM capacity = 20K bytes, Single-chip 16-bit CMOS microcomputer, ROM capacity = 96K bytes, RAM capacity = 5K bytes Single-chip 16-bit CMOS microcomputer, ROM capacity = 64K bytes, RAM capacity = 4K bytes Single-chip 16-bit CMOS microcomputer, RAM capacity = 10K bytes Single-chip 16-bit CMOS microcomputer, ROM capacity = 128K 4K bytes, RAM capacity = 10K bytes, Single-chip 16-bit CMOS microcomputer, ROM capacity = 64K 4K bytes, RAM capacity = 4K bytes, Single-chip 16-bit CMOS microcomputer, RAM capacity = 4K bytes Single-chip 16-bit CMOS microcomputer, ROM capacity = 512K 4K bytes, RAM capacity = 31K bytes, Single-chip 16-bit CMOS microcomputer, ROM capacity = 384K bytes, RAM capacity = 16K bytes Single-chip 16-bit CMOS microcomputer, ROM capacity = 384K bytes, RAM capacity = 24K bytes Single-chip 16-bit CMOS microcomputer, ROM capacity = 384K bytes, RAM capacity = 31K bytes Single-chip 16-bit CMOS microcomputer, ROM capacity = 320K bytes, RAM capacity = 31K bytes Single-chip 16-bit CMOS microcomputer, ROM capacity = 320K bytes, RAM capacity = 24K bytes Single-chip 16-bit CMOS microcomputer, ROM capacity = 320K bytes, RAM capacity = 16K bytes Single-chip 16-bit CMOS microcomputer, ROM capacity = 128K bytes, RAM capacity = 10K bytes Single-chip 16-bit CMOS microcomputer, ROM capacity = 256K bytes, RAM capacity = 20K bytes
|
Renesas
|
TMP68HC05C4 TMP68HC11A0 TMP68HC11A1 TMP68HC11A8 TM |
THE TMP68HC05C4 CMOS MICROCOMPUTER IS A MEMBER OF THE 68HC05 FAMILY OF LOW-COST SINGLE-CHIP MICROCOMPUTER
|
Toshiba Semiconductor
|
UPD78042F UPD78042FGF-XXX-3B9 UPD78043F UPD78043FG |
8-bit microcomputer 78K/0 series incorporating FIP 8-bit microcomputer 78K/0 series incorporating VFD 8-bit single-chip microcomputer with on-chip VFD driver 78K/0 series 8-bit microcomputer with on-chip FIP driver 78K/0 series 100 pin VFD mask ROM 8-bit single-chip microcomputer with on-chip VFD controller/driver 78K/0 series
|
NEC
|
M37272M8H-XXXSP M37272M8H-XXXFP M37272M8H-213FP M3 |
SINGLE-CHIP 8-BIT CMOS MICROCOMPUTER for VOLTAGE SYNTHESIZER with ON-SCREEN DISPLAY CONTROLLER SINGLE-CHIP 8-BIT CMOS MICROCOMPUTER with CLOSED CAPTION DECODER and ON-SCREEN DISPLAY CONTROLLER SINGLE-CHIP 8-BIT CMOS MICROCOMPUTER with CLOSED CAPTION DECODER and OSD
|
Mitsubishi Electric Corporation
|
M37160M8 M37160EFFP M37160M8-XXXFP M37160M8-XXXSP |
SINGLE-CHIP 8-BIT CMOS MICROCOMPUTER (M37160M8/MA/MF/EFSP/FP) Single Chip 8-Bit CMOS Microcomputer
|
Renesas Electronics Corporation
|